PART |
Description |
Maker |
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADP3301AR-3-REEL ADP3301ARZ-5-REEL ADP3301AR-2.7-R |
3.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 SOP-8 High Accuracy anyCAP100 mA Low Dropout Linear Regulator High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Variable Resolution Resolver-to-Digital Converter High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
ANALOG DEVICES INC Analog Devices, Inc.
|
MAX6329 MAX6329WL MAX6349ZP MAX6329SH MAX6329SL MA |
1.8 V, 150 mA, SOT23, low-dropout linear regulator with internal microprocessor reset circuit 2.5 V, 150 mA, SOT23, low-dropout linear regulator with internal microprocessor reset circuit Analog IC FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.36 V DROPOUT, PDSO6 Analog IC FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 1.45-W Mono Class-D Audio Amplifier with 1.8V Compatible Shutdown Voltage (TPA2006) 8-SON -40 to 85 "150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
IRU1010-25CD IRU1010-25CP IRU1010-25CS IRU1010-25C |
1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR 1A低压差型正,固定2.5V的稳压器 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package
|
International Rectifier, Corp. IRF[International Rectifier]
|
AZ2940T-5.0E1 AZ2940D-2.5 AZ2940T-3.3E1 |
1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, SFM3 1A ULTRA LOW DROPOUT LINEAR REGULATOR A超低差线性稳压器
|
BCD Semiconductor Manufacturing, Ltd. BCD SEMICONDUCTOR MANUFACTURING LTD
|
MAX8887EZK29-T MAX8887EZK33-T MAX8888EZK33-T MAX88 |
Low-Dropout, 300mA Linear Regulators in SOT23 2.1 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX8863REUK-T MAX8863SEUK-T MAX8863T MAX8863TEUK-T |
Low-Dropout, 120mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
CS8321YDPR3G CS8321YDP3G CS8321YT3G |
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3 Micropower 5.0 V, 150 mA Low Dropout Linear Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM3
|
ON Semiconductor
|
MAX8511EXKXY-T MAX8512EXK-T MAX8510 MAX8510EXKXY-T |
3.7 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO5 Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70 Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO5
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX6329YLUTT MAX6329ZLUTT MAX6349YHUTT MAX6329SPUT |
FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 SOT-23, 6 PIN 150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.36 V DROPOUT, PDSO6
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc...
|